Part Number Hot Search : 
CV123PVG ER206 2N6058 AD630AD LT1016M CD407 ZPY62 RV4558JG
Product Description
Full Text Search
 

To Download LCB716S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i ntegrated c ircuits d ivision www.ixysic.com ds-lcb716-r03 1 lcb716 single-pole, normally closed optomos ? relay e 3 pb part # description lcb716 6-pin dip (50/tube) LCB716S 6-pin surface mount (50/tube) LCB716Str 6-pin surface mount (1000/reel) parameter rating units load voltage 60 v p load current 500 ma rms / ma dc on-resistance (max) 2 ? applications features description approvals ordering information pin configuration switching characteristics of normally closed devices lcb716 is a single-pole, normally closed (1-form-b) solid state relay that uses optically coupled relay technology to provide an enhanced 3750v rms isolation barrier between the input and the output of the relay. the efficient mosfet output switch uses ixys integrated circuits division's patented optomos architecture. the optically coupled output is controlled by a highly efficient gaalas infrared led. ? sensor circuitry ? instrumentation ? multiplexers ? data acquisition ? electronic switching ? i/o subsystems ? meters (gas, oil, electric and water) ? medical equipment-patient/equipment isolation ? security ? aerospace ? industrial controls ? 3750v rms input/output isolation ? low drive power requirements (ttl/cmos compatible) ? no moving parts ? high reliability ? arc-free with no snubbing circuits ? no emi/rfi generation ? small 6-pin package ? machine insertable, wave solderable ? tape & reel, surface mount version available form-b i f 10% 90% i load t on t off 1 3 2 4 5 6 + control C control do not use load do not use load ac/dc configuration 1 3 2 4 5 6 + control C control do not use + load C load dc-only configuration ? ul recognized component: file e76270 ? csa certified component: certificate 1175739 ? en/iec 60950-1 certified component: tuv certificate b 09 07 49410 006
i ntegrated c ircuits d ivision www.ixysic.com 2 r03 lcb716 absolute maximum ratings are stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. parameter conditions symbol min typ max units output characteristics load current ac/dc configuration, continuous - i l - - 500 ma rms / ma dc dc configuration, continuous - - - 1000 ma dc peak t < 10ms i lpk - - 1.2 a p on-resistance i l =500ma - 1.63 2 ac/dc configuration r on ? dc configuration i l =1000ma - 0.4 0.5 off-state leakage current i f =2ma, v l =60v i leak --1 ? a output capacitance i f =2ma, v l =50v, f=1mhz c out - 280 - pf switching speeds turn-on t on - 0.58 3 i f =5ma, v l =10v ms turn-off t off - 0.76 3 input characteristics input control current to activate i l =500ma i f --2 ma input control current to deactivate - i f 0.1 - - ma input voltage drop i f =5ma v f 0.9 1.2 1.4 v reverse input current v r =5v i r --10 ? a common characteristics capacitance, input to output - c i/o -3- pf parameter ratings units blocking voltage 60 v p reverse input voltage 5 v input control current peak (10ms) 50 ma 1a input power dissipation 1 100 mw total power dissipation 2 800 mw isolation voltage, input to output 3750 v rms operational temperature -40 to +85 c storage temperature -40 to +125 c 1 derate linearly 1.33 mw / oc 2 derate linearly 6.67 mw / oc absolute maximum ratings @ 25oc electrical characteristics @ 25oc
i ntegrated c ircuits d ivision lcb716 www.ixysic.com 3 r03 *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. performance data* (@25oc unless otherwise noted) led forward voltage drop (v) 1.220 1.225 1.230 1.235 1.240 1.245 device count (n) 0 5 10 15 20 25 30 typical led forward voltage drop (n=50, i f =5ma) turn-on time (ms) 0.507 0.530 0.553 0.576 0.599 0.622 device count (n) 0 5 10 15 20 typical turn-on time (n=50, i f =5ma, i l =100ma) turn-off time (ms) 0.63 0.67 0.71 0.75 0.79 0.83 device count (n) 0 5 10 15 20 25 typical turn-off time (n=50, i f =5ma, i l =100ma) led forward current (ma) 0.16 0.17 0.18 0.19 0.20 0.21 device count (n) 0 5 10 15 20 25 typical i f for switch operation (n=50, i l =200ma) on-resistance ( : ) 1.49 1.53 1.57 1.61 1.65 1.69 device count (n) 0 5 10 15 20 typical on-resistance (n=50, i f =0ma, i l =5ma) blocking voltage (v p ) 75 76 77 78 79 80 device count (n) 0 5 10 15 20 typical blocking voltage (n=50, i f =2ma) temperature (oc) -40 -20 0 20 40 60 80 100 led current (ma) 0.10 0.15 0.20 0.25 0.30 0.35 0.40 typical i f for switch operation vs. temperature (i l =100ma) led forward current (ma) 0 1020304050 turn-on time ( p s) 417 418 419 420 421 422 423 typical turn-on time vs. led forward current (i l =100ma) led forward current (ma) 0 1020304050 turn-off time (ms) 0 0.5 1.0 1.5 2.0 2.5 typical turn-off time vs. led forward current (i l =100ma) temperature (oc) -40 -20 0 20 40 60 80 100 turn-on time ( p s) 100 200 300 400 500 600 700 800 typical turn-on time vs. temperature (i l =100ma) i f =2ma i f =5ma temperature (oc) -40 -20 0 20 40 60 80 100 turn-off time (ms) 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 typical turn-off time vs. temperature (i l =100ma) i f =2ma i f =5ma temperature (oc) -40 -20 0 20 40 60 80 100 on-resistance ( : ) 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 typical on-resistance vs. temperature (i f =0ma, i l =100ma)
i ntegrated c ircuits d ivision www.ixysic.com 4 r03 lcb716 *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. performance data* (@25oc unless otherwise noted) temperature (oc) -40 -20 0 20 40 60 80 100 load current (a) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 maximum load current vs. temperature (i f =0ma) load voltage (v) -1.0 -0.75 -0.5 -0.25 0.0 0.25 0.5 0.75 1.0 load current (a) -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 typical load voltage vs. load current (i f =0ma) temperature (oc) -40 -20 0 20 40 60 80 100 blocking voltage (v p ) 80 82 84 86 88 90 92 94 typical blocking voltage vs. temperature (i f =5ma) time 10 p s 100 p s 1ms 10ms 100ms 1s 10s 100s load current (a) 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1-form-b relay energy rating curve temperature (oc) -40 -20 0 20 40 60 80 100 leakage current (na) 0 50 100 150 200 250 300 350 typical leakage vs.temperature measured across pins 4&6 (i f =5ma, v l =60v)
i ntegrated c ircuits d ivision lcb716 www.ixysic.com 5 r03 manufacturing information moisture sensitivity all plastic encapsulated semiconductor packages are susceptible to moisture ingression. ixys integrated circuits division classified all of its plastic encapsulated devices for moisture sensitivity according to the latest version of the joint industry standard, ipc/jedec j-std-020 , in force at the time of product evaluation. we test all of our products to the maximum conditions set forth in the standard, and guarantee proper operation of our devices when handled according to the limitations and information in that standard as well as to any limitations set forth in the information or standards referenced below. failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced product performance, reduction of operable life, and/or reduction of overall reliability. this product carries a moisture sensitivity level (msl) rating as shown below, and should be handled according to the requirements of the latest version of the joint industry standard ipc/jedec j-std-033 . device moisture sensitivity level (msl) rating lcb716 / LCB716S msl 1 esd sensitivity this product is esd sensitive , and should be handled according to the industry standard jesd-625 . reflow profile this product has a maximum body temperature and time rating as shown below. all other guidelines of j-std-020 must be observed. device maximum temperature x time lcb716 / LCB716S 250oc for 30 seconds board wash ixys integrated circuits division recommends the use of no-clean flux formulations. however, board washing to remove flux residue is acceptable. since ixys integrated circuits division employs the use of silicone coating as an optical waveguide in many of its optically isolated products, the use of a short drying bake could be necessary if a wash is used after solder reflow processes. chlorine- or fluorine-based solvents or fluxes should not be used. cleaning methods that employ ultrasonic energy should not be used. e 3 pb
i ntegrated c ircuits d ivision www.ixysic.com 6 r03 lcb716 dimensions mm (inches) pcb hole pattern 6.350 0.127 (0.250 0.005) 2.540 0.127 (0.100 0.005) 7.620 0.127 (0.300 0.005) 5.080 0.127 (0.200 0.005) 6 - 0.800 dia. (6 - 0.031 dia.) 0.254 0.0127 (0.010 0.0005) 9.144 0.508 (0.360 0.020) 7.239 typ (0.285 typ) 7.620 0.254 (0.300 0.010) 3.302 0.051 (0.130 0.002) 4.064 typ (0.160 typ) 0.457 0.076 (0.018 0.003) 8.382 0.381 (0.330 0.015) 2.54 0.127 (0.100 0.005) 6.350 0.127 (0.250 0.005) 1.651 0.254 (0.065 0.010) pin 1 dimensions mm (inches) pcb land pattern 0.254 0.0127 (0.010 0.0005) 7.620 0.254 (0.300 0.010) 0.635 0.127 (0.025 0.005) 3.302 0.051 (0.130 0.002) 4.445 0.254 (0.175 0.010) 2.54 (0.10) 8.90 (0.3503) 1.65 (0.0649) 0.65 (0.0255) 8.382 0.381 (0.330 0.015) 2.54 0.127 (0.100 0.005) 9.524 0.508 (0.375 0.020) 6.350 0.127 (0.250 0.005) 0.457 0.076 (0.018 0.003) 1.651 0.254 (0.065 0.010) 1.651 0.254 (0.065 0.010) pin 1 lcb716 LCB716S mechanical dimensions
i ntegrated c ircuits d ivision specification: ds-lcb716-r03 ?copyright 2012, ixys integrated circuits division optomos ? is a registered trademark of ixys integrated circuits division all rights reserved. printed in usa. 12/22/2012 for additional information please visit our website at: www.ixysic.com 7 lcb716 ixys integrated circuits division makes no representations or warranties with respect to the accuracy or completeness of the co ntents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. neither circuit patent licenses nor indemnity a re expressed or implied. except as set forth in ixys integrated circuits division?s standard terms and conditions of sale, ixys integrated circuits division assumes no liability whatsoever, a nd disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infri ngement of any intellectual property right. the products described in this document are not designed, intended, authorized or warranted for use as components in systems in tended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of ixys integrated circuits division?s product may resul t in direct physical harm, injury, or death to a person or severe property or environmental damage. ixys integrated circuits division reserves the right to discontinue or make changes to its p roducts at any time without notice. notes: 1. all dimensions carry tolerances of eia standard 481-2 2. the tape complies with all notes for constant dimensions listed on page 5 of eia-481-2 dimensions mm (inches) embossment embossed carrier 330.2 dia (13.00 dia) top cover tape thickness 0.102 max (0.004 max) w=16.00 (0.63) b 0 = 10.10 (0.398) a 0 = 10.10 (0.398) p = 12.00 (0.472) k 1 = 3.80 (0.15) k 0 = 4.90 (0.19) user direction of feed LCB716Str tape & reel


▲Up To Search▲   

 
Price & Availability of LCB716S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X